Part Number Hot Search : 
R4000 VTD205 45M50B D452A OPI120TX SBR10 MRF898D ML720J8S
Product Description
Full Text Search
 

To Download ZXMN10A07F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXMN10A07F
100V N-CHANNEL ENHANCEMENT MODE MOSFET
SUMMARY V(BR)DSS= 100V; RDS(ON)= 1 DESCRIPTION
ID= 0.64A
This new generation of TRENCH MOSFETs from Zetex utilises a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage, power management applications.
FEATURES
* Low on-resistance * Fast switching speed * Low threshold * Low gate drive * SOT23 package
SOT23
APPLICATIONS
* DC - DC Converters * Power Management Functions * Relay and Solenoid driving * Motor control
ORDERING INFORMATION
DEVICE ZXMN10A07FTA ZXMN10A07FTC REEL SIZE 7" 13" TAPE WIDTH 8mm 8mm QUANTITY PER REEL 3000 units 10000 units
DEVICE MARKING
* 7N1
Top View
ISSUE 1 - MARCH 2002 1
ZXMN10A07F
ABSOLUTE MAXIMUM RATINGS
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current V GS =10V; T A =25C(b) V GS =10V; T A =70C(b) V GS =10V; T A =25C(a) Pulsed Drain Current (c) Continuous Source Current (Body Diode) (b) Pulsed Source Current (Body Diode)(c) Power Dissipation at T A =25C (a) Linear Derating Factor Power Dissipation at T A =25C (b) Linear Derating Factor Operating and Storage Temperature Range SYMBOL V DSS V GS ID LIMIT 100 20 0.64 0.51 0.56 2.5 2 2.5 625 5 806 6.4 -55 to +150 UNIT V V A
I DM IS I SM PD PD T j :T stg
A A A mW mW/C mW mW/C C
THERMAL RESISTANCE
PARAMETER Junction to Ambient (a) Junction to Ambient (b)
NOTES (a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions (b) For a device surface mounted on FR4 PCB measured at t 5 secs. (c) Repetitive rating 25mm x 25mm FR4 PCB, D=0.05, pulse width 10 s - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph.
SYMBOL R JA R JA
VALUE 200 155
UNIT C/W C/W
ISSUE 1 - MARCH 2002 2
ZXMN10A07F
CHARACTERISTICS
ISSUE 1 - MARCH 2002 3
ZXMN10A07F
ELECTRICAL CHARACTERISTICS (at TA = 25C unless otherwise stated)
PARAMETER STATIC Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Gate-Source Threshold Voltage Static Drain-Source On-State Resistance (1) Forward Transconductance (3) DYNAMIC (3) Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING(2) (3) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge SOURCE-DRAIN DIODE Diode Forward Voltage (1) Reverse Recovery Time (3) Reverse Recovery Charge (3) V SD t rr Q rr 27 12 0.95 V ns nC T J =25C, I S =1.5A, V GS =0V T J =25C, I F =1.8A, di/dt= 100A/s t d(on) tr t d(off) tf Qg Q gs Q gd 1.8 1.5 4.1 2.1 2.9 0.7 1 ns ns ns ns nC nC nC V DS =50V,V GS =10V, I D =1.0A V DD =50V, I D =1A R G =6.0 , V GS =10V C iss C oss C rss 138 12 6 pF pF pF V DS =60 V, V GS =0V, f=1MHz V (BR)DSS I DSS I GSS V GS(th) R DS(on) g fs 1.6 2.0 100 1 100 4.0 1 1.1 S V A nA V I D =250 A, V GS =0V V DS =60V, V GS =0V V GS =20V, V DS =0V I =250 A, V DS = V GS D V GS =10V, I D =1.5A V GS =6V, I D =1A V DS =15V,I D =1A SYMBOL MIN. TYP. MAX. UNIT CONDITIONS.
NOTES (1) Measured under pulsed conditions. Width300s. Duty cycle 2% . (2) Switching characteristics are independent of operating junction temperature. (3) For design aid only, not subject to production testing.
ISSUE 1 - MARCH 2002 4
ZXMN10A07F
TYPICAL CHARACTERISTICS
ISSUE 1 - MARCH 2002 5
ZXMN10A07F
TYPICAL CHARACTERISTICS
ISSUE 1 - MARCH 2002 6
ZXMN10A07F
PACKAGE OUTLINE PAD LAYOUT
PACKAGE DIMENSIONS
MILLIMETRES DIM MIN A B C D F G 0.37 0.085 2.67 1.20 MAX 3.05 1.40 1.10 0.53 0.15 H K L M N DIM MIN 0.33 0.01 2.10 0.45 MAX 0.51 0.10 2.50 0.64 MILLIMETRES
0.95 NOM 10 TYP
1.90 NOM
(c) Zetex plc 2002
Zetex plc Fields New Road Chadderton Oldham, OL9 8NP United Kingdom Telephone (44) 161 622 4422 Fax: (44) 161 622 4420 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY11788 USA Telephone: (631) 360 2222 Fax: (631) 360 8222 Zetex (Asia) Ltd 3701-04 Metroplaza, Tower 1 Hing Fong Road Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to
www.zetex.com
ISSUE 1 - MARCH 2002 7


▲Up To Search▲   

 
Price & Availability of ZXMN10A07F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X